PART |
Description |
Maker |
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
GP30K GP30M GP30A GP30B GP30D GP30G GP30J |
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 3300uF; Voltage: 35V; Case Size: 20x25 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 2200uF; Voltage: 35V; Case Size: 18x20 mm; Packaging: Bulk
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
GP08A GP08D GP08J GP08 GP08B GP08G |
Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 1000uF; Voltage: 10V; Case Size: 10x12.5 mm; Packaging: Bulk GP02
|
GE Security, Inc. GE[General Semiconductor]
|
XC61A XC61AN0802LRLH8 XC61AN0802MRLH8 XC61AN0802PR |
Low Voltage Detectors(VDF=0.8V) 低电压检测器(偏氟乙烯\u003d 0.8伏) Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:200VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:3800uF RoHS Compliant: Yes Low Voltage DetectorsVDF=0.8V)
|
Torex Semiconductor, Ltd. TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
RS6011SY6002 RS6011DY6006 RS6011SY6008 RS6011DY600 |
Low-profile Master Type(Super Y Fader Low-profile Master Type拢篓Super Y Fader拢漏
|
ALPS ELECTRIC CO.,LTD.
|
CBRLDSH2-100 CBRLDSH2-100-15 |
SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
CS20118D0C103K5E CS20118D0C103M5E CS20118D0C103M5P |
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
|
VISAY[Vishay Siliconix]
|
TNC TNC-25-12 TNC-25-15 TNC-25-18 TNC-15-12 TNC-15 |
TNC 50/60 Hz Low Profile UL Aproved Transformers 15-42W 50/60 Hz Low Profile UL Approved Transformers 15W-42W
|
PREMO CORPORATION S.L http://
|
IHLP-2020BZ-01 |
Low Profile, High Current IHLP? Inductor Low Profile, High Current IHLP庐 Inductor Low Profile, High Current IHLP㈢ Inductor
|
Vishay Siliconix
|
3SMBJ5938B-TP 3SMBJ5939B-TP 3SMBJ5928B 3SMBJ5913B |
DIODE ZENER 3W 36V SMB 36 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA DIODE ZENER 3W 39V SMB 39 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA 3.0 Watt Surface Mount Silicon Zener Diodes Low Inductance,Low Profile Mounting
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|